|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR T2095 IC VCEO PC(TO-92) MAIN CHARACTERISTICS 0.8A 450V 1W Package APPLICATIONS Battery charger Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier TO-92 RoHS FEATURES High breakdown voltage High current capability High switching speed High reliability RoHS product ORDER MESSAGE Order codes T2095-O-T-B-A T2095-O-T-N-C T2095-R-T-B-A T2095-R-T-N-C T2095 T2095 T2095 T2095 Halogen Free NO NO YES YES TO-92 TO-92 TO-92 TO-92 Marking Package Packaging Brede Bag Brede Bag SIGIL "R"" Halogen Free Sign"R" 200910E 1/5 R T2095 ABSOLUTE RATINGS (Tc=25) Parameter Symbol VCEO VEBO IC ICP PC Tj Tstg Value 700 450 12 0.8 1.6 1 150 -55~+150 Unit V V V A A W -- -- -- Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-92) Junction Temperature Storage Temperature ELECTRICAL CHARACTERISTIC V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tr tf ts fT VCE=10V, Ic=0.1A VCC=125V IC=0.1A,IB1=-IB2=0.02A Parameter Tests conditions Ic=10mA,IB=0 Ic=1mA,IB=0 IE=1mA,Ic=0 VCB=700V, IE=0 VCE=450V,IB=0 VEB=10V, IC=0 VCE=10V, IC=5mA VCE=10V, IC=130mA VCE=10V, IC=500mA IC=0.35A, IC=0.6A, IB=50mA IB=50mA Value(min) 500 800 15 25 12 0.4 1.0 - 5 10 5 40 0.8 1.4 1.0 0.7 5 - Value(typ) Value(max) Unit V V V A mA A V V S S S MHz 450 700 12 13 20 8 4 THERMAL CHARACTERISTIC Parameter Symbol TO-92 Rth(j-a) Value(min) Value(max) Unit /W TO-92 Thermal Resistance Junction Case - 125 200910E 2/5 R T2095 ELECTRICAL CHARACTERISTICS (curves) hFE - IC VCE(sat)- IC VCE(sat) hFE ICA VBEsat- IC VBE(sat)V ICA ICA SOA CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE TC=25 DC ICA PC-TC PC (percent) VCEV TC 200910E 3/5 R T2095 Unit mm PACKAGE MECHANICAL DATA TO-92 A B b c D E e F L Q Z Z1 3.30-3.90 0.35-0.55 0.35-0.55 0.31-0.51 4.30-4.90 4.30-4.90 1.17-1.37 1.00-1.60 12.50-15.50 1.00-1.60 2O 5O 200910E 4/5 R T2095 NOTE 1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. 1. 2. 3. 4. 99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-5-11 2009-10-29 Last Rev. 200902C 200904D CONTACT JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes AppendixRevision History New Rev. 200904D 200910E 200910E 5/5 |
Price & Availability of T2095-O-T-B-A |